Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download 2CZ4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art surface mounted device type moisture sensitivity level 1 low leakage current pb free version and rohs compliant green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code case : flat lead sod-123 small outline plastic package terminal : matte tin plated, lead free, solderable per mil-std-202, method 208 guaranteed polarity : indicated by cathode band high temperature soldering guaranteed : 260 /10 second weight : 9.5 mg (approximately) maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. units ir=100a v ir=100a v v a mw i f = 1 a v a pf s o c/w o c o c document number ds_s1310002 version:a13 reverse voltage v r 400 600 pin configuration 400 600 280 420 i fsm 7.5 2CZ4004 2cz4005 150 1 non-repetitive peak forward surge current 8.3ms half sine wave a 5 if=0.5a, ir=1a, irr=0.25a reverse recovery time t rr min. max. 1 1.6 non-repetitive peak reverse voltage v rm rms reverse voltage forward current v r(rms) 350 15 i o 2CZ4004 - 2cz4005 small signal product rectifier diode sod-123 features parameter symbol mechanical data p d power dissipation c tot total capacitance v r =4v, f=1.0mhz forward voltage peak reverse current @ rated vr i r v f 1.1 storage temperature range t stg -55 to +150 thermal resistance junction to ambient r ja 357 operating junction temperature range t j
fig. 4 line 1 document number ds_s1310002 version:a13 small signal product ratings and characteristics curves (2CZ4004 - 2cz4005) 1 10 100 1000 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 instantaneous forward current (ma) instantaneous forward voltage (v) fig.1 typical forward characteristics ta=100 ta=25 10 100 1000 0 100 200 300 400 500 600 reverse current (na) reverse voltage (v) fig. 2 reverse characteristics ta=100 ta=25 0 5 10 15 20 0 5 10 15 20 capacitance between terminals (pf) reverse voltage (v) fig. 3 capacitance characteristics ta=25 0 100 200 300 400 0 25 50 75 100 125 150 power dissipation (mw) ambient temperature fig.4 power derating curve
ordering information (detail, example) 2CZ4004 sod-123 rp 2CZ4004 sod-123 rp dimensions min max min max a 1.40 1.80 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.70 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h 0.00 0.10 0.000 0.004 unit(mm) min g 2.25 x 0.90 x1 4.05 y 0.95 part no. marking 2CZ4004 z44 2cz4005 z45 document number ds_s1310002 version:a13 (note 2) 2cz400x (note 1) sod-123 3k / 7" reel rp manufacture code 3k / 7" reel rpg packing code (green) rpg marking dim. dim. unit(mm) unit(inch) small signal product packing code packing part no. package 0.50 ref 0.02 ref suggested pad layout note 1 : "x" is device code from "4" thru "5". note 2 : manufacture special control, if empty means no special control requirement. 3k / 7" reel rpg m0 b a e d c f g h


▲Up To Search▲   

 
Price & Availability of 2CZ4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X